Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download CBWCFA1115533290653 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
Band Filters for 200GHz Add/Drop Multiplexing
Bookham band skip filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry's best banded filter solution. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for optical add/drop multiplexing (OADM) WDM applications.
Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and 5/6 RoHS compliant.
Features
* 4-skip-0, 4-skip-1, & 4-skip-2 filters available * Deep reflection isolation for minimized coherent crosstalk * Low express channel loss * Flat transmission passband for cascading * Fewer skipped channels * Excellent temperature stability
Options
* Custom skip designs available * Compact packaging: 3.2mm diameter * Rugged packaging
Applications
* Add/drop multiplexing * Metro and long-haul WDM * Banded Mux/Demux
Compliance
* GR-1221 qualified * RoHS compliant (5/6)
D
Band Filters for 200GHz
Typical design specifications (valid over operating temperature)
Transmitted Channels Clear Channel Passband Insertion Loss Insertion Loss Variation Adjacent Band Isolation PDL over Clear Channel Return Loss Reflected Channel Insertion Loss PDL
a a
4-skip-0 666 1.0 0.3 25 0.15 45 0.45 0.15 15 45
4-skip-1 666 1.0 0.3 25 0.1 45 0.45 0.1 15 45 -5 to 70 -40 to 85
4-skip-2 666 1.0 0.2 25 0.1 45 0.45 0.1 20 45
unit GHz dB dB dB dB dB dB dB dB dB C C mm
Reflection Isolation Directivity Component Parameters Operating Temperature Storage Temperature Dimensions (standard packaging)
a b c
b
c
5.5 (O) x 51 (L)
Loss includes connector pair. At edge of clear channel passband Nominal overall length. Standard package length without boots nominally 35mm.
Example Applications and Performance
Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C
Banded OADM
Banded Mux/Demux
4 skip 0
4 Channel Demux Add
4 skip 0
4 Channel Mux Drop
4 skip 0 4 skip 0 4 skip 0 4 skip 0
0 -5 -10 Loss (dB) -15 -20 -25 -30 -35 1525
Transm ission (25C ) R eflection (25C ) Transm ission (-5C ) R eflection (-5C ) Transm ission (70C ) R eflection (70C )
1527
1529
1531
1533
1535
1537
W avelength (nm )
D
Ordering Information
Band Filter numbering convention
FIBER TYPE 1 = 900 um Loose Tube 2 = 2 mm Jacketed 3 = 250 um Bare Fiber 4 = 900 um Tight Buffer 9 = See Specification FIBER LENGTH 1 = 1 Meter Min. 2 = 2 Meter Min. 3 = 3 Meter Min. 4 = 1.5 Meter Min. 5 = 2.5 Meter Min. 6 = 1-1.5 Meter 7 = 0.9-1.0 Meter 8 = Multiple 9 = See Specification
North America Bookham Worldwide Headquarters
2584 Junction Ave. San Jose CA 95134 USA * Tel: +1 408 919 1500 * Fax: +1 408 919 6083
PACKAGE TYPE S = STD (5.5 mm dia) C = COMPACT (3.2 mm dia) H = INNER HOUSING ONLY R = RUGGED (See Spec) Z = CUSTOM (See Spec) G = ALL GLASS
Europe
C B W S L U 3 2 1 5 5 3 3 2 9 0 6 53
CONNECTOR TYPE LU = LC/UPC FU = FC/UPC FA = FC/APC SU = SC/UPC SA = SC/APC MU = MU ..... NA = NONE CC = COMBO (See Spec) CENTER WAVELENGTH (nm) 1553329 = 1553.329 or FREQUENCY (THz) F193000 = 193.000 SPEC# (4 digit)
Paignton Office
Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801
Asia Shenzhen Office
2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807 sales@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
B200_060320


▲Up To Search▲   

 
Price & Availability of CBWCFA1115533290653

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X